Part Number Hot Search : 
M204SD 120H2M5A RJK0362 TB1012F MM3Z5543 04597 10LFT D2454
Product Description
Full Text Search
 

To Download KBPC3508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC3500 - KBPC3510
PRV : 50 - 1000 Volts Io : 35 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
SILICON BRIDGE RECTIFIERS BR50M
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70 1.130(28.70) 1.120(28.40) )
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
MECHANICAL DATA :
* * * * * Case : Metal Case Epoxy : UL94V-O rate flame retardant Terminals : plated .25" (6.35 mm). Faston Polarity : Polarity symbols marked on case Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams
0.310(7.87) 0.280(7.11)
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc 55C = Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode atFI = 17.5 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Typical Thermal Resistance at Junction to Ambient Operating Junction Temperature Range Storage Temperature Range Note : Ta= 25 C Ta 100 C =
SYMBOL
KBPC 3500 50 35 50
KBPC 3501 100 70 100
KBPC 3502 200 140 200
KBPC 3504 400 280 400 35 400 660 1.1 10 200 1.5 10
KBPC 3506 600 420 600
KBPC 3508 800 560 800
KBPC 3510 1000 700 1000
UNIT V V V A A AS V A A C/W C C C
2
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) RJC RJA TJ TSTG
2
- 40 to + 150 - 40 to + 150
1. Thermal Resistance from junction to case with units mounted on a 7.5" x 3.5" x 4.6" (19cm.x 9cm.x 11.8cm.) Al.-Finned Plate
Page 1 of 2
Rev. 03 : August 25, 2005
RATING AND CHARACTERISTIC CURVES ( KBPC3500 - KBPC3510 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
42
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
600
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT AMPERES
35
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 500
28
400
TJ = 50 C
21
300
14 HEAT-SINK MOUNTING, Tc 7.5" x 3.5" x 4.6" THK. (19cm x 9cm x 11.8cm) Al.-Finned plate
200
7
100
0
0
25
50
75
100
125
150
175
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
10
1.0
1.0
Pulse Width = 300 s 1 % Duty Cycle
0.1
TJ = 25 C
TJ = 25 C
0.1 0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 03 : August 25, 2005


▲Up To Search▲   

 
Price & Availability of KBPC3508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X